PART |
Description |
Maker |
T-20001 |
SCR Trigger & Control Transformer
|
Rhombus Industries Inc.
|
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
2779H |
T1/E1 Transformer TELECOM TRANSFORMER HIGH FREQUECY MAGNETICS T1/E1 Surface Mount Transformer
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
BS08E BS08D BSO8D |
TRIGGER ELEMENT TRIGGER APPLICATION LEAD MOUNT TYPE, PLANE-MOUNTED TYPE
|
ISAHAYA[Isahaya Electronics Corporation]
|
SFH9341 SFH9340 |
Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
|
ETC OSRAM[OSRAM GmbH]
|
74LVC374A 74LVC374AD 74LVC374ADB 74LVC374APW 74LVC |
From old datasheet system Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State positive edge-trigger (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
NC7SZ14 NC7SZ14L6X NC7SZ14M5X NC7SZ14P5X |
TinyLogic UHS Inverter with Schmitt Trigger Input LVC/LCX/Z SERIES, 1-INPUT INVERT GATE, PDSO6 TinyLogic UHS Inverter with Schmitt Trigger Input TinyLogic UHS Inverter with Schmitt Trigger Input
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FL3209-2 FL2015-4 |
NOT RoHS. Transformer, CCFL, SMT 3.5 W, SMPS TRANSFORMER 6 W, SMPS TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
S554-6500-29 |
HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Quad Transformer TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
EPE6045SE EPE6045SE-LF |
DATACOM TRANSFORMER FOR 10 BASE-T APPLICATION(S) LEAD FREE 10Base-T Isolation Transformer
|
Samsung Semiconductor Co., Ltd. PCA ELECTRONICS INC.
|